Part Number Hot Search : 
TS25P04G SRBL1650 BCR12 LT1375HV FDC365P T7121 AMS236A M5R13TPJ
Product Description
Full Text Search
 

To Download NCP303LSN42T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 may, 2006 ? rev. 19 1 publication order number: ncp302/d ncp302, ncp303 voltage detector series with programmable delay the ncp302 and ncp303 series are second generation ultra?low current voltage detectors that contain a programmable time delay generator. these devices are specifically designed for use as reset controllers in portable microprocessor based systems where extended battery life is paramount. each series features a highly accurate undervoltage detector with hysteresis and an externally programmable time delay generator. this combination of features prevents erratic system reset operation. the ncp302 series consists of complementary output devices that are available with either an active high or active low reset. the ncp303 series has an open drain n?channel output with an active low reset output. features ? quiescent current of 0.5  a typical ? high accuracy undervoltage threshold of 2.0% ? externally programmable time delay generator ? wide operating voltage range of 0.8 v to 10 v ? complementary or open drain output ? active low or active high reset ? specified over the ?40 c to +125 c temperature range (except for voltage options from 0.9 to 1.1 v) ? pb?free packages are available typical applications ? microprocessor reset controller ? low battery detection ? power fail indicator ? battery backup detection figure 1. representative block diagrams this device contains 28 active transistors. ncp303lsnxxt1 open drain output configuration ncp302xsnxxt1 complementary output configuration * inverter for active low devices. * buffer for active high devices. v ref 2 input 1 reset output 3 gnd 5c d r d * v ref 2 input 3 gnd 5c d r d 1 reset outp ut see detailed ordering and shipping information in the ordering information section on page 22 of this data sheet. ordering information tsop?5/ sot23?5 case 483 pin connections 1 3 n.c. reset output 2 input ground 4 c d 5 (top view) http://onsemi.com 1 5 xxx ayw   marking diagram xxx = specific device code a = assembly location y = year w = work week  = pb?free package 1 5 (note: microdot may be in either location)
ncp302, ncp303 http://onsemi.com 2 maximum ratings rating symbol value unit input power supply voltage (pin 2) v in 12 v delay capacitor pin voltage (pin 5) v cd ?0.3 to v in + 0.3 v output voltage (pin 1) complementary, ncp302 n?channel open drain, ncp303 v out ?0.3 to v in + 0.3 ?0.3 to 12 v output current (pin 1) (note 2) i out 70 ma thermal resistance junction?to?air r  ja 250 c/w maximum junction temperature all ncp options all ncv options t j +125 +150 c operating ambient temperature range all voltage options: 0.9 v to 1.1 v all voltage options: 1.2 v to 4.9 v t a t a ?40 to +85 ?40 to +125 c c storage temperature range t stg ?55 to +150 c moisture sensitivity level msl 1 latchup performance (note 3) positive negative i latchup 200 200 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. this device series contains esd protection and exceeds the following tests: human body model 2000 v per mil?std?883, method 3015. machine model method 200 v. 2. the maximum package power dissipation limit must not be exceeded. p d  t j(max)  t a r  ja 3. maximum ratings per jedec standard jesd78.
ncp302, ncp303 http://onsemi.com 3 electrical characteristics (for all values t a = ?40 c to +125 c, unless otherwise noted.) characteristic symbol min typ max unit ncp302/3 ? 0.9 (t a = 25  c for voltage options from 0.9 to 1.1 v) detector threshold (pin 2, v in decreasing) v det? 0.882 0.900 0.918 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.027 0.045 0.063 v supply current (pin 2) (v in = 0.8 v) (v in = 2.9 v) i in ? ? 0.20 0.45 0.6 1.2  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = ?40 c to 85 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 0.85v) 0.01 0.05 0.05 0.50 ? ? pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 1.5 v) 1.05 2.5 ? pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 0.8 v) 0.011 0.014 0.04 0.08 ? ? c d delay pin threshold voltage (pin 5) (v in = 0.99 v) v tcd 0.50 0.67 0.84 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 0.85 v, v cd = 0.5v) i cd 2.0 10 120 300 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 1.8 detector threshold (pin 2, v in decreasing) (t a = 25 c) (t a = ?40 c to 125 c) v det? 1.764 1.746 1.800 ? 1.836 1.854 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.054 0.090 0.126 v supply current (pin 2) (v in = 1.7 v) (v in = 3.8 v) i in ? ? 0.23 0.48 0.7 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = 25 c) (t a = ?40 c to 125 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 ? ? pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 6.0 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 ? pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 ? ? c d delay pin threshold voltage (pin 5) (v in = 1.98 v) v tcd 0.99 1.34 1.68 v
ncp302, ncp303 http://onsemi.com 4 electrical characteristics (continued) (for all values t a = ?40 c to +125 c, unless otherwise noted.) characteristic unit max typ min symbol ncp302/3 ? 1.8 delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 2.0 detector threshold (pin 2, v in decreasing) (t a = 25 c) (t a = ?40 c to 125 c) v det? 1.96 1.94 2.00 ? 2.04 2.06 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.06 0.10 0.14 v supply current (pin 2) (v in = 1.9 v) (v in = 4.0 v) i in ? ? 0.23 0.48 0.8 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = 25 c) (t a = ?40 c to 125 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.14 3.5 ? ? pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 9.7 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 ? pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 ? ? c d delay pin threshold voltage (pin 5) (v in = 2.2 v) v tcd 1.10 1.49 1.87 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 250 3600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3? 2.7 detector threshold (pin 2, v in decreasing) (t a = 25 c) (t a = ?40 c to 125 c) v det? 2.646 2.619 2.700 ? 2.754 2.781 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.081 0.135 0.189 v supply current (pin 2) (v in = 2.6 v) (v in = 4.7 v) i in ? ? 0.25 0.50 0.8 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = 25 c) (t a = ?40 c to 125 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.14 3.5 ? ? pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 9.7 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 ?
ncp302, ncp303 http://onsemi.com 5 electrical characteristics (continued) (for all values t a = ?40 c to +125 c, unless otherwise noted.) characteristic unit max typ min symbol ncp302/3? 2.7 pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 ? ? c d delay pin threshold voltage (pin 5) (v in = 2.97 v) v tcd 1.49 2.01 2.53 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 250 3600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 3.0 detector threshold (pin 2, v in decreasing) (t a = 25 c) (t a = ?40 c to 125 c) v det? 2.94 2.91 3.00 ? 3.06 3.09 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.09 0.15 0.21 v supply current (pin 2) (v in = 2.87 v) (v in = 5.0 v) i in ? ? 0.25 0.50 0.9 1.3  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = 25 c) (t a = ?40 c to 125 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.14 3.5 ? ? pch source current, ncp302 (v out = 2.4v, v in = 4.5v) 1.0 9.7 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 ? pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 ? ? c d delay pin threshold voltage (pin 5) (v in = 3.3 v) v tcd 1.65 2.23 2.81 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 250 3600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 4.5 detector threshold (pin 2, v in decreasing) (t a = 25 c) (t a = ?40 c to 125 c) v det? 4.410 4.365 4.500 ? 4.590 4.635 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.135 0.225 0.315 v supply current (pin 2) (v in = 4.34 v) (v in = 6.5 v) i in ? ? 0.33 0.52 1.0 1.4  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = 25 c) (t a = ?40 c to 125 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 ? ?
ncp302, ncp303 http://onsemi.com 6 electrical characteristics (continued) (for all values t a = ?40 c to +125 c, unless otherwise noted.) characteristic unit max typ min symbol ncp302/3 ? 4.5 pch source current, ncp302 (v out = 5.9v, v in = 8.0v) 1.5 10.5 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 ? pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 ? ? c d delay pin threshold voltage (pin 5) (v in = 4.95 v) v tcd 2.25 3.04 3.83 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m  ncp302/3 ? 4.7 detector threshold (pin 2, v in decreasing) (t a = 25 c) (t a = ?40 c to 125 c) v det? 4.606 4.559 4.700 ? 4.794 4.841 v detector threshold hysteresis (pin 2, v in increasing) v hys 0.141 0.235 0.329 v supply current (pin 2) (v in = 4.54 v) (v in = 6.7 v) i in ? ? 0.34 0.53 1.0 1.4  a maximum operating voltage (pin 2) v in(max) ? ? 10 v minimum operating voltage (pin 2) (t a = 25 c) (t a = ?40 c to 125 c) v in(min) ? ? 0.55 0.65 0.70 0.80 v reset output current (pin 1, active low ?l? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.05v, v in = 0.70v) (v out = 0.50v, v in = 1.5v) 0.01 1.0 0.05 2.0 ? ? pch source current, ncp302 (v out = 5.9v, v in = 8.0v) 1.5 10.5 ? reset output current (pin 1, active high ?h? suffix devices) i out ma nch sink current, ncp302, ncp303 (v out = 0.5 v, v in = 5.0 v) 6.3 11 ? pch source current, ncp302 (v out = 0.4 v, v in = 0.7 v) (v out = gnd, v in = 1.5 v) 0.011 0.525 0.04 0.6 ? ? c d delay pin threshold voltage (pin 5) (v in = 5.17 v) v tcd 2.59 3.49 4.40 v delay capacitor pin sink current (pin 5) (v in = 0.7 v, v cd = 0.1v) (v in = 1.5 v, v cd = 0.5v) i cd 2.0 200 120 1600 ? ?  a delay pullup resistance (pin 5) r d 0.5 1.0 2.0 m 
ncp302, ncp303 http://onsemi.com 7 0.7 v gnd 5.0 v 2.5 v gnd v det+ + 2.0 v ncp303l ncp302l t d2 input voltage, pin 2 0.7 v gnd gnd v det+ + 2.0 v t d2 v det+ + 2.0 v v det+ + 2.0 v 2 reset output voltage, pin 1 ncp302 and ncp303 series are measured with a 10 pf capacitive load. ncp303 has an additional 470 k pullup resistor connected from the reset output to +5.0 v. the reset output voltage waveforms are shown for the active low ?l? devices. output time delay t d1 and t d2 are dependent upon the delay capacitance. refer to figures 30, 31, and 32. the upper detector threshold, v det+ is the sum of the lower detector threshold, v det? plus the input hysteresis, v hys . figure 2. measurement conditions for t d1 and t d2 t d1 t d1
ncp302, ncp303 http://onsemi.com 8 table 1. electrical characteristic table for 0.9 ? 4.9 v ncp302 series detector threshold detector threshold hysteresis supply current nch sink current pch source current v in low v in high v in low v in high v det? (v) (note 4) v hys (v) i in (  a) (note 5) i in (  a) (note 6) i out (ma) (note 7) i out (ma) (note 8) i out (ma) (note 9) part number min typ max min typ max typ typ typ typ typ ncp302lsn09t1 0.882 0.9 0.918 0.027 0.045 0.063 0.20 0.45 0.05 0.5 2.0 ncp302lsn15t1 1.470 1.5 1.530 0.045 0.075 0.105 ncp302lsn18t1 1.764 1.8 1.836 0.054 0.090 0.126 0.23 0.48 ncp302lsn20t1 1.960 2.0 2.040 0.060 0.100 0.140 ncp302lsn27t1 2.646 2.7 2.754 0.081 0.135 0.189 0.25 0.50 ncp302lsn30t1 2.940 3.0 3.060 0.090 0.150 0.210 ncp302lsn33t1 3.234 3.3 3.366 0.099 0.165 0.231 ncp302lsn38t1 3.724 3.8 3.876 0.114 0.190 0.266 ncp302lsn40t1 3.920 4.0 4.080 0.120 0.200 0.280 3.0 ncp302lsn43t1 4.214 4.3 4.386 0.129 0.215 0.301 ncp302lsn45t1 4.410 4.5 4.590 0.135 0.225 0.315 0.33 0.52 ncp302lsn47t1 4.606 4.7 4.794 0.141 0.235 0.329 0.34 0.53 4. values shown apply at +25 c only. for voltage options greater than 1.1 v, v det? limits over operating temperature range (?40 c to +125 c) are v nom 3%. for voltage options < 1.2 v, v det? is guaranteed only at +25 c. 5. condition 1: 0.9 ? 2.9 v, v in = v det? ? 0.10 v; 3.0 ? 3.9 v, v in = v det? ? 0.13 v; 4.0 ? 4.9 v, v in = v det? ? 0.16 v 6. condition 2: 0.9 ? 4.9 v, v in = v det? + 2.0 v 7. condition 3: 0.9 ? 4.9 v, v in = 0.7 v, v out = 0.05 v, active low ?l? suffix devices 8. condition 4: 0.9 ? 1.0 v, v in = 0.85 v, v out = 0.5 v; 1.1 ? 1.5 v, v in = 1.0 v, v out = 0.5 v; 1.6 ? 4.9 v, v in = 1.5 v, v out = 0.5 v, condition 4: active low ?l? suffix devices 9. condition 5: 0.9 ? 3.9 v, v in = 4.5 v, v out = 2.4 v; 4.0 ? 4.9 v, v in = 8.0 v, v out = 5.9 v, active low ?l? suffix devices table 2. electrical characteristic table for 0.9 ? 4.9 v ncp302 series detector threshold detector threshold hysteresis supply current nch sink current pch source current v in low v in high v in low v in high v det? (v) (note 10) v hys (v) i in (  a) (note 11) i in (  a) (note 12) i out (ma) (note 13) i out (ma) (note 14) i out (ma) (note 15) part number min typ max min typ max typ typ typ typ typ ncp302hsn09t1 0.882 0.9 0.918 0.027 0.045 0.063 0.20 0.45 2.5 0.04 0.08 ncp302hsn18t1 1.764 1.8 1.836 0.054 0.090 0.126 0.23 0.48 ncp302hsn27t1 2.646 2.7 2.754 0.081 0.135 0.189 0.25 0.50 ncp302hsn30t1 2.940 3.0 3.060 0.090 0.150 0.210 ncp302hsn40t1 3.920 4.0 4.080 0.120 0.200 0.280 ncp302hsn45t1 4.410 4.5 4.590 0.135 0.225 0.315 0.33 0.52 10. values shown apply at +25 c only. for voltage options greater than 1.1 v, v det? limits over operating temperature range (?40 c to +125 c) are v nom 3%. for voltage options < 1.2 v, v det? is guaranteed only at +25 c. 11. condition 1: 0.9 ? 2.9 v, v in = v det? ? 0.10 v; 3.0 ? 3.9 v, v in = v det? ? 0.13 v; 4.0 ? 4.9 v, v in = v det? ? 0.16 v 12. condition 2: 0.9 ? 4.9 v, v in = v det? + 2.0 v 13. condition 3: 0.9 ? 1.4 v, v in = 1.5 v, v out = 0.5 v; 1.5 ? 4.9 v, v in = 5.0 v, v out = 0.5 v, active high ?h? suffix devices 14. condition 4: 0.9 ? 4.9 v, v in = 0.7 v, v out = 0.4 v, active high ?h? suffix devices 15. condition 5: 0.9 ? 1.0 v, v in = 0.8 v, v out = gnd; 1.1 ? 1.5 v, v in = 1.0 v, v out = gnd; 1.6 ? 4.9 v, v in = 1.5 v, v out = gnd, active high ?h? suffix devices
ncp302, ncp303 http://onsemi.com 9 table 3. electrical characteristic table for 0.9 ? 4.9 v ncp303 series detector threshold detector threshold hysteresis supply current nch sink current v in low v in high v in low v in high v det? (v) (note 16) v hys (v) i in (  a) (note 17) i in (  a) (note 18) i out (ma) (note 19) i out (ma) (note 20) part number min typ max min typ max typ typ typ typ ncp303lsn09t1 0.882 0.9 0.918 0.027 0.045 0.063 0.20 0.45 0.05 0.5 ncp303lsn10t1 0.980 1.0 1.020 0.030 0.050 0.070 ncp303lsn11t1 1.078 1.1 1.122 0.033 0.055 0.077 1.0 ncp303lsn13t1 1.274 1.3 1.326 0.039 0.065 0.091 ncp303lsn14t1 1.372 1.4 1.428 0.042 0.070 0.098 ncp303lsn15t1 1.470 1.5 1.530 0.045 0.075 0.105 ncp303lsn16t1 1.568 1.6 1.632 0.048 0.080 0.112 2.0 ncp303lsn17t1 1.666 1.7 1.734 0.051 0.085 0.119 ncp303lsn18t1 1.764 1.8 1.836 0.054 0.090 0.126 0.23 0.48 ncp303lsn20t1 1.960 2.0 2.040 0.060 0.100 0.140 ncp303lsn22t1 2.156 2.2 2.244 0.066 0.110 0.154 ncp303lsn23t1 2.254 2.3 2.346 0.069 0.115 0.161 ncp303lsn24t1 2.352 2.4 2.448 0.072 0.120 0.168 ncp303lsn25t1 2.450 2.5 2.550 0.075 0.125 0.175 ncp303lsn26t1 2.548 2.6 2.652 0.078 0.130 0.182 ncp303lsn27t1 2.646 2.7 2.754 0.081 0.135 0.189 0.25 0.50 ncp303lsn28t1 2.744 2.8 2.856 0.084 0.140 0.196 ncp303lsn29t1 2.842 2.9 2.958 0.087 0.145 0.203 ncp303lsn30t1 2.940 3.0 3.060 0.090 0.150 0.210 ncp303lsn31t1 3.038 3.1 3.162 0.093 0.155 0.217 ncp303lsn32t1 3.136 3.2 3.264 0.096 0.160 0.224 ncp303lsn33t1 3.234 3.3 3.366 0.099 0.165 0.231 ncp303lsn34t1 3.332 3.4 3.468 0.102 0.170 0.238 ncp303lsn36t1 3.528 3.6 3.672 0.108 0.180 0.252 ncp303lsn38t1 3.724 3.8 3.876 0.114 0.190 0.266 ncp303lsn40t1 3.920 4.0 4.080 0.120 0.200 0.280 ncp303lsn42t1 4.116 4.2 4.284 0.126 0.210 0.294 ncp303lsn44t1 4.312 4.4 4.488 0.132 0.220 0.308 ncp303lsn45t1 4.410 4.5 4.590 0.135 0.225 0.315 0.33 0.52 ncp303lsn46t1 4.508 4.6 4.692 0.138 0.230 0.322 ncp303lsn47t1 4.606 4.7 4.794 0.141 0.235 0.329 0.34 0.53 ncp303lsn49t1 4.802 4.9 4.998 0.147 0.245 0.343 16. values shown apply at +25 c only. for voltage options greater than 1.1 v, v det? limits over operating temperature range (?40 c to +125 c) are v nom 3%. for voltage options < 1.2 v, v det? is guaranteed only at +25 c. 17. condition 1: 0.9 ? 2.9 v, v in = v det? ? 0.10 v; 3.0 ? 3.9 v, v in = v det? ? 0.13 v; 4.0 ? 4.9 v, v in = v det? ? 0.16 v 18. condition 2: 0.9 ? 4.9 v, v in = v det? + 2.0 v 19. condition 3: 0.9 ? 4.9 v, v in = 0.7 v, v out = 0.05 v, active low ?l? suffix devices 20. condition 4: 0.9 ? 1.0 v, v in = 0.85 v, v out = 0.5 v; 1.1 ? 1.5 v, v in = 1.0 v, v out = 0.5 v; 1.6 ? 4.9 v, v in = 1.5 v, v out = 0.5 v, condition 4: active low ?l? suffix devices
ncp302, ncp303 http://onsemi.com 10 figure 3. ncp302/3 series 0.9 v input current vs. input voltage figure 4. ncp302/3 series 2.7 v input current vs. input voltage figure 5. ncp302/3 series 4.5 v input current vs. input voltage figure 6. ncp302/3 series 0.9 v detector threshold voltage vs. temperature figure 7. ncp302/3 series 2.7 v detector threshold voltage vs. temperature figure 8. ncp302/3 series 4.5 v detector threshold voltage vs. temperature i in , input current (  a) v in , input voltage (v) t a = 25 c 0 0.1 0.2 0.3 0.4 0.5 0.6 0 2.0 4.0 6.0 8.0 12 ?50 t a , ambient temperature ( c) 1.00 0.95 0.85 ?25 0 25 50 75 10 0 0.90 0.80 v det , detector threshold voltage (v) v det+ v det? v det , detector threshold voltage (v) 2.90 2.80 2.70 2.60 ?50 ?25 0 25 50 75 125 t a , ambient temperature ( c) 2.65 2.75 2.85 v det+ v det? i in , input current (  a) t a = 25 c 0 2.0 6.0 8.0 1 2 2.0 1.5 1.0 0.5 0 v in , input voltage (v) 4.0 2.5 10.5 10 100 i in , input current (  a) t a = 25 c 0 2.0 12 10 2.0 1.5 1.0 0.5 0 v in , input voltage (v) 8.0 2.5 6.0 17.2 4.0 v det , detector threshold voltage (v) ?50 4.9 t a , ambient temperature ( c) 4.8 4.7 4.6 4.4 ?25 0 25 50 75 1 25 4.5 4.3 v det+ v det? 100 0.7 0.8 0.9 1.0 10
ncp302, ncp303 http://onsemi.com 11 figure 9. ncp302l/3l series 0.9 v reset output voltage vs. input voltage figure 10. ncp302l/3l series 2.7 v reset output voltage vs. input voltage figure 11. ncp302l/3l series 4.5 v reset output voltage vs. input voltage figure 12. ncp302h/3l series 0.9 v reset output sink current vs. input voltage figure 13. ncp302h/3l series 2.7 v reset output sink current vs. input voltage figure 14. ncp302h/3l series 4.5 v reset output sink current vs. input voltage v in , input voltage (v) 0 0.2 0.4 0.6 0.8 1.0 0.8 0.6 0.4 0.2 0 1.0 v out , output voltage (v) i out , output sink current (ma) v in , input voltage (v) 1.2 0.8 0.4 0 0.2 0.6 1.0 1.6 0 0.2 0.4 0.6 0.8 1 .0 t a = 25 c t a = ?40 c t a = 85 c 1.4 v out = 0.5 v i out , output sink current (ma) v in , input voltage (v) 0 10 6.0 2.0 0.5 1.0 1.5 2.0 2.5 3.0 4.0 0 8.0 t a = 25 c t a = ?40 c t a = 125 c v out = 0.5 v 12 v out , output voltage (v) 0 1.0 1.5 2.0 2.5 3.5 2.0 1.5 1.0 0.5 0 3 .5 v in , input voltage (v) 0.5 2.5 t a = ?40 c (303l only) t a = 125 c (303l only) t a = 25 c (303l only) 3.0 3.0 v out , output voltage (v) 0 1.0 2.0 3.0 4.0 5.0 4.0 3.0 2.0 1.0 0 5.0 6.0 6.0 v in , input voltage (v) t a = ?40 c (303l only) t a = 25 c (303l only) i out , output sink current (ma) v in , input voltage (v) 0 1.0 2.0 3.0 4.0 5 .0 20 5.0 0 10 t a = 25 c t a = ?40 c t a = 125 c v out = 0.5 v 15 t a = ?40 c (303l only) t a = 25 c (303l only)
ncp302, ncp303 http://onsemi.com 12 figure 15. ncp302l series 0.9 v reset output source current vs. input voltage figure 16. ncp302l series 2.7 v reset output source current vs. input voltage figure 17. ncp302l series 4.5 v reset output source current vs. input voltage figure 18. ncp302h/3l series 0.9 v reset output sink current vs. output voltage figure 19. ncp302h/3l series 2.7 v reset output sink current vs. output voltage figure 20. ncp302h/3l series 4.5 v reset output sink current vs. output voltage 20 5.0 0 0 2.0 4.0 6.0 8.0 10 v in , input voltage (v) 10 15 v out = v in ?2.1 v v in ?1.5 v v in ?1.0 v v in ?0.5 v t a = 25 c i out , output source current (ma ) i out , output sink current (ma) 0 v out , output voltage (v) 0.2 0.4 0.6 0.8 1 .0 1.5 0.5 0 1.0 v in = 0.85 v t a = 25 c v in = 0.7 v i out , output sink current (ma) 15 10 5.0 0 0 0.5 1.0 1.5 2.0 2.5 v out , output voltage (v) v in = 2.5 v v in = 2.0 v v in = 1.5 v t a = 25 c i out , output source current (ma) 15 0 0 2.0 4.0 6.0 8.0 1 0 v in , input voltage (v) 5.0 10 20 v out = v in ?2.1 v v in ?1.5 v v in ?1.0 v v in ?0.5 v t a = 25 c i out , output source current (ma) 15 0 0 2.0 4.0 6.0 8.0 10 v in , input voltage (v) 5.0 10 20 v out = v in ?2.1 v t a = 25 c v in ?1.5 v v in ?1.0 v v in ?0.5 v 0 35 25 15 5.0 1.0 2.0 3.0 10 0 4 .0 20 30 v out , output voltage (v) t a = 25 c v in = 4.0 v v in = 3.5 v v in = 3.0 v v in = 2.5 v v in = 2.0 v v in = 1.5 v i out , output sink current (ma)
ncp302, ncp303 http://onsemi.com 13 figure 21. ncp302/3 series 0.9 v c d delay pin sink current vs. input voltage figure 22. ncp302/3 series 2.7 v c d delay pin sink current vs. input voltage figure 23. ncp302/3 series 4.5 v c d delay pin sink current vs. input voltage figure 24. ncp302/3 series 0.9 v c d delay pin sink current vs. voltage figure 25. ncp302/3 series 2.7 v c d delay pin sink current vs. voltage figure 26. ncp302/3 series 4.5 v c d delay pin sink current vs. voltage t a = 25 c v in , input voltage (v) 1.2 0.8 0.4 0 0.2 0.6 1.0 1.4 0 0.2 0.4 0.6 0.8 1.0 t a = ?40 c t a = 85 c i cd , c d delay pin sink current (ma) v cd = 0.5 v i cd , c d delay pin sink current (ma ) t a = 25 c v in , input voltage (v) 0 10 6.0 2.0 0.5 1.0 1.5 2.0 2.5 3 .0 4.0 0 8.0 t a = ?40 c t a = 125 c v cd = 0.5 v i cd , c d delay pin sink current (ma) t a = 25 c v in , input voltage (v) 0 1.0 2.0 3.0 4.0 5.0 12 8.0 0 4.0 16 20 t a = ?40 c t a = 125 c v cd = 0.5 v 0 v cd , delay pin voltage (v) 0.2 0.4 0.6 0.8 1 .0 1.5 0.5 0 1.0 t a = 25 c i cd , c d delay pin sink current (ma) v in = 0.85 v v in = 0.7 v 16 12 8.0 4.0 0 0 0.5 1.0 1.5 2.0 2.5 v cd , delay pin voltage (v) t a = 25 c v in = 2.5 v v in = 2.0 v v in = 1.5 v i cd , c d delay pin sink current (ma) 0 1.0 2.0 3.0 10 0 4 .0 40 20 30 v cd , delay pin voltage (v) t a = 25 c v in = 4.0 v v in = 3.5 v v in = 3.0 v v in = 2.5 v i cd , c d delay pin sink current (ma) 14 12 1.6
ncp302, ncp303 http://onsemi.com 14 figure 27. ncp302/3 series 0.9 v c d delay pin threshold voltage vs. temperature figure 28. ncp302/3 series 2.7 v c d delay pin threshold voltage vs. temperature figure 29. ncp302/3 series 4.5 v c d delay pin threshold voltage vs. temperature figure 30. ncp302/3 series 0.9 v output time delay vs. capacitance figure 31. ncp302/3 series 2.7 v output time delay vs. capacitance figure 32. ncp302/3 series 4.5 v output time delay vs. capacitance ?50 0.9 0.8 0.7 0.6 0.4 ?25 0 25 50 75 100 0.5 0.3 t a , ambient temperature ( c) v tcd , c d pin threshold voltage (v ) v in = 0.99 v ?50 2.2 2.1 2.0 1.8 ?25 0 25 50 75 12 5 1.9 1.7 t a , ambient temperature ( c) v tcd , c d pin threshold voltage (v ) v in = 2.97 v ?50 3.6 3.5 3.4 3.3 3.7 ?25 0 25 50 75 125 3.2 t a , ambient temperature ( c) v tcd , c d pin threshold voltage (v) v in = 4.95 v 0.00001 0.001 0.01 0.1 1.0 10000 1000 100 10 0.1 1.0 c d , delay pin capacitance (  f) t a = 25 c t d2 (ms) t d1 (  s) , t d2 , output time delay t d1 100 0.0001 100 0.00001 0.001 0.01 0.1 1 .0 10000 1000 100 10 0.1 1.0 c d , delay pin capacitance (  f) t a = 25 c t d2 (ms) t d1 (  s) , t d2 , output time delay t d1 0.0001 0.00001 0.001 0.01 0.1 1 .0 10000 1000 100 10 0.1 1.0 c d , delay pin capacitance (  f) t a = 25 c t d2 (ms) t d1 (  s) , t d2 , output time delay t d1 0.0001
ncp302, ncp303 http://onsemi.com 15 figure 33. ncp302/3 series 0.9 v reset output time delay vs. temperature figure 34. ncp302/3 series 2.7 v reset output time delay vs. temperature figure 35. ncp302/3 series 4.5 v reset output time delay vs. temperature figure 36. ncp302/3 series delay resistance vs. temperature ?50 t a , ambient temperature ( c) 250 200 160 80 ?25 0 25 50 75 100 120 0 c d = 0.1  f t d2 , output time delay (ms) 120 80 40 0 ?50 ?25 0 25 50 75 12 5 t a , ambient temperature ( c) 20 60 100 160 c d = 0.1  f t d2 , output time delay (ms) ?50 t a , ambient temperature ( c) 250 200 150 50 ?25 0 25 50 75 100 100 0 c d = 0.1  f t d2 , output time delay (ms) 1.6 1.2 0.8 0.4 0 ?50 ?25 0 25 50 75 12 5 t a , ambient temperature ( c) r d , delay resistance (m  ) 100 140 100 40
ncp302, ncp303 http://onsemi.com 16 operating description the ncp302 and ncp303 series devices consist of a precision voltage detector that drives a time delay generator. figures 37 and 38 show a timing diagram and a typical application. initially consider that input voltage v in is at a nominal level and it is greater than the voltage detector upper threshold (v det+ ). the voltage at pin 5 and capacitor c d will be at the same level as v in , and the reset output (pin 1) will be in the high state for active low devices, or in the low state for active high devices. if there is a power interruption and v in becomes significantly deficient, it will fall below the lower detector threshold (v det? ) and the external time delay capacitor c d will be immediately discharged by an internal n?channel mosfet that connects to pin 5. this sequence of events causes the reset output to be in the low state for active low devices, or in the high state for active high devices. after completion of the power interruption, v in will again return to its nominal level and become greater than the v det+ . the voltage detector will turn off the n?channel mosfet and allow pullup resistor r d to charge external capacitor c d , thus creating a programmable delay for releasing the reset signal. when the voltage at pin 5 exceeds the inverter/buffer threshold, typically 0.675 v in , the reset output will revert back to its original state. the reset output time delay versus capacitance is shown in figures 12 through 14. the voltage detector and inverter/buffer have built?in hysteresis to prevent erratic reset operation. although these device series are specifically designed for use as reset controllers in portable microprocessor based systems, they offer a cost?effective solution in numerous applications where precise voltage monitoring and time delay are required. figures 38 through 45 show various application examples. figure 37. timing waveforms t d2 v in v det + v det? input voltage, pin 2 capacitor, pin 5 v in 0 v reset output (active low), pin 1 v in reset output (active high), pin 1 v in 0 v 0.675 v in v det? v det?
ncp302, ncp303 http://onsemi.com 17 application circuit information figure 38. microprocessor reset circuit 2 input 1 reset output gn- d 5 c d ncp302 lsn27t1 figure 39. battery charge indicator 2 input 1 reset output gn- d gnd v dd reset v dd 5 c d c d ncp302 series 3 3 microprocessor * required for ncp303 v in < 2.7 on v in > 2.835 on to additional circuitry 2 input 1 reset output gn- d 5 c d ncp303 lsn45t1 figure 40. missing pulse detector or frequency detector 3 v supply to additional circuitry c d * reset output c d input  0.675*v in missing pulse t d2 470 k 0.001  f 2.85 v 2.70 v 0 v 5.0 v 1.0 v 0 v v in
ncp302, ncp303 http://onsemi.com 18 figure 41. microprocessor reset circuit with additional hysteresis 2 1 ncp301 lsn27t1 3 v dd gn- d reset output input r h r l ncp301 lsn27t1 gn- d ncp303 lsn27t1 gn- d gn- d reset v dd microprocessor 5 c d comparator hysteresis can be increased with the addition of resistor r h . the hysteresis equations have been simplified and do not account for the change of input current i in as v in crosses the comparator threshold. the internal resistance, r in is simply calculated using i in = 0.26  a at 2.6 v. v in decreasing: v th   r h r in  1   v det   v in increasing: v th   r h r in  r l  1   v det   v hys  v hys = v in increasing ? v in decreasing test data v th decreasing (v) v th increasing (v) v hys (v) r h (  ) r l (k  ) 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.70 2.84 2.87 2.88 2.91 2.90 2.94 2.98 2.70 3.04 3.15 0.135 0.17 0.19 0.21 0.20 0.24 0.28 0.27 0.34 0.35 0 100 100 100 220 220 220 470 470 470 figure 42. simple clock oscillator ncp301 lsn27t1 gn- d reset output input 82 k ncp301 lsn27t1 gn- d ncp302 hsn27t1 gn- d c 5.0 v 100 k c (  f) f osc (khz) i q (  a) 0.01 2590 21.77 0.1 490 21.97 1.0 52 22.07 test data 5 c d 2 3 1
ncp302, ncp303 http://onsemi.com 19 figure 43. microcontroller systems load sensing ncp301 lsn27t1 50 k ncp301 lsn27t1 ncp303 lsn09t1 v supply load r sense input 2 3 gnd 1 reset output microcontroller gnd v dd if: i load v det ? /r sense i load
(v det ? +v hys )/r sense then: reset output = 0 v reset output = v dd this circuit monitors the current at the load. as current flows through the load, a voltage drop with respect to ground appears across r sense where v sense = i load * r sense. the following conditions apply: 5 c d figure 44. led bar graph voltage monitor ncp301 lsn27t1 2 ncp301 lsn27t1 ncp303 lsn45t1 3 1 v supply ncp301 lsn27t1 2 ncp301 lsn27t1 ncp303 lsn27t1 3 1 ncp301 lsn27t1 2 ncp301 lsn27t1 ncp303 lsn18t1 3 1 input gnd reset output input gnd reset output input gnd reset output v in = 1.0 v to 10 v a simple voltage monitor can be constructed by connecting several voltage detectors as shown above. each led will sequentially turn on when the respective voltage detector threshold (v det? +v hys ) is exceeded. note that detector thresholds (v det? ) that range from 0.9 v to 4.9 v in 100 mv steps can be manufactured. 5 c d 5 c d 5 c d
ncp302, ncp303 http://onsemi.com 20 figure 45. undervoltage detection with independent reset signal control 2 1 5 3 reset output en input v dd c d c d gnd to mcu or logic circuitry logic 1 in ncp302l series v dd v dd 0 v 0 v 0 v 0 1 v det v tcd t d2 t d2 ncp302 input pin logic 1 enable pin reset output c d pin note: logic 1 is in tristate when en = 0, v tcd  0.675 * v dd this circuit monitors v dd for undervoltage. if the v dd input falls below the detector threshold (v det? ), then the capacitor on the c d pin will be immediately discharged resulting in the reset output changing to its active state indicating that an undervoltage event has been detected. the addition of a logic gate (logic 1) provides for reset output control which is independent of v dd . if the output of the logic gate is tristated the undervoltage detector will behave normally. if the tristate is de?asserted, the logic gate will pull the c d pin low resulting in the reset output pin changing to an active state. this independent control is useful in power supply sequencing applications when the reset output is tied to the enable input of an ldo or dc?dc converter.
ncp302, ncp303 http://onsemi.com 21 figure 46. multi?rail supply undervoltage monitor with power good * r1 is optional c d pin pullup 3.3 v power supply 2 (i/o subsystem) v in v in 0 v 0 v 0 v v tcd c d pin note: v tcd  0.675 * v in t d2 2 1 5 3 reset output input c d gnd ncp302l series 2 1 3 reset output input gnd 2 1 3 reset output input gnd ncp301 lsn30t1 ncp301 lsn45t1 c d 5.0 v power supply 3 (peripheral subsystem) power supply 1 (system core) r1 r p *required for ncp303 to mcu or logic circuitry 0 v 0 v t d2 t d2 t d2 power supply 1 power supply 2 v p power supply 3 ncp302l reset output this circuit monitors multiple power supply rails for undervoltage conditions. if any of the three power supplies are in an undervoltage condition, the ncp302 reset output will be immediately set to an active low level. all three power supplies must be above their minimum voltage levels for the ncp302 reset output to generate a ?power good? level (reset output = power supply 1 or v p ). optionally, r1 may be added to provide a smaller effective c d pin pullup resistance, (r d ?), where r d ? = r1 || r d , with r d (internal c d pin pullup resistance) approximately equal to 1.0 m  , and r1 > 5 k  . if r1 << r d , then r1 also can decrease the reset output delay time (t d2 ) variance over the operating temperature range. the power good signal time delay (t d2 ) can be estimated by: t d2 r d * c d , with r d in ohms, and c d in farads. if r1 is installed, then r d ? is substituted for r d . r p is added only if using the ncp303 to replace the ncp302. this allows the reset output to be pulled up to v p , which can be the power supply 1 or an independent power supply rail.
ncp302, ncp303 http://onsemi.com 22 ordering information device threshold voltage output type reset marking package shipping ? ncp302lsn09t1 0.9 cmos active low sbo tsop?5 3000 / tape & reel (7 inch reel) ncp302lsn09t1g 0.9 sbo tsop?5 (pb?free) ncp302lsn15t1 1.5 sbi tsop?5 ncp302lsn15t1g 1.5 sbi tsop?5 (pb?free) ncp302lsn18t1 1.8 sbf tsop?5 ncp302lsn18t1g 1.8 sbf tsop?5 (pb?free) ncp302lsn20t1 2.0 sbd tsop?5 ncp302lsn20t1g 2.0 sbd tsop?5 (pb?free) ncp302lsn27t1 2.7 saw tsop?5 ncp302lsn27t1g 2.7 saw tsop?5 (pb?free) ncp302lsn30t1 3.0 sat tsop?5 ncp302lsn30t1g 3.0 sat tsop?5 (pb?free) ncp302lsn33t1 3.3 saq tsop?5 ncp302lsn33t1g 3.3 saq tsop?5 (pb?free) ncp302lsn38t1 3.8 sak tsop?5 ncp302lsn38t1g 3.8 sak tsop?5 (pb?free) ncp302lsn40t1 4.0 sai tsop?5 ncp302lsn40t1g 4.0 sai tsop?5 (pb?free) ncp302lsn43t1 4.3 saf tsop?5 ncp302lsn43t1g 4.3 saf tsop?5 (pb?free) ncp302lsn45t1 4.5 sal tsop?5 ncp302lsn45t1g 4.5 sal tsop?5 (pb?free) ncp302lsn47t1 4.7 sac tsop?5 ncp302lsn47t1g 4.7 sac tsop?5 (pb?free) ncp302hsn09t1 0.9 cmos active high sdo tsop?5 3000 / tape & reel (7 inch reel) ncp302hsn09t1g 0.9 sdo tsop?5 (pb?free) ncp302hsn18t1 1.8 sfh tsop?5 ncp302hsn18t1g 1.8 sfh tsop?5 (pb?free) ncp302hsn27t1 2.7 sdk tsop?5 ncp302hsn27t1g 2.7 sdk tsop?5 (pb?free) note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold devices, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these add itional devices are shown in tables 1 and 2. ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix for automotive and other applications requiring site and control changes. ncvxxx: t low = ?40 c, t high = +125 c. guaranteed by design.
ncp302, ncp303 http://onsemi.com 23 ordering information device shipping ? package marking reset output type threshold voltage ncp302hsn30t1 3.0 cmos active high sdi tsop?5 3000 / tape & reel (7 inch reel) ncp302hsn30t1g 3.0 sdi tsop?5 (pb?free) ncp302hsn40t1 4.0 sjh tsop?5 ncp302hsn40t1g 4.0 sjh tsop?5 (pb?free) ncp302hsn45t1 4.5 sdg tsop?5 ncp302hsn45t1g 4.5 sdg tsop?5 (pb?free) ncp303lsn09t1 0.9 open drain active low sde tsop?5 3000 / tape & reel (7 inch reel) ncp303lsn09t1g 0.9 sde tsop?5 (pb?free) ncp303lsn10t1g 1.0 sdd tsop?5 (pb?free) ncv303lsn10t1* 1.0 ssm tsop?5 ncv303lsn10t1g* 1.0 ssm tsop?5 (pb?free) ncp303lsn11t1 1.1 sdc tsop?5 ncp303lsn11t1g 1.1 sdc tsop?5 (pb?free) ncp303lsn13t1 1.3 sda tsop?5 ncp303lsn13t1g 1.3 sda tsop?5 (pb?free) ncp303lsn14t1 1.4 scz tsop?5 ncp303lsn14t1g 1.4 scz tsop?5 (pb?free) ncp303lsn15t1 1.5 scy tsop?5 ncp303lsn15t1g 1.5 scy tsop?5 (pb?free) ncv303lsn15t1g* 1.5 sru tsop?5 (pb?free) ncp303lsn16t1 1.6 scx tsop?5 ncp303lsn16t1g 1.6 scx tsop?5 (pb?free) ncp303lsn17t1 1.7 scw tsop?5 ncp303lsn18t1 1.8 scv tsop?5 ncp303lsn18t1g 1.8 scv tsop?5 (pb?free) ncp303lsn20t1 2.0 sct tsop?5 ncp303lsn20t1g 2.0 sct tsop?5 (pb?free) note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold devices, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these add itional devices are shown in tables 1 and 2. ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix for automotive and other applications requiring site and control changes. ncvxxx: t low = ?40 c, t high = +125 c. guaranteed by design.
ncp302, ncp303 http://onsemi.com 24 ordering information device shipping ? package marking reset output type threshold voltage ncp303lsn22t1 2.2 open drain active low scr tsop?5 3000 / tape & reel (7 inch reel) ncp303lsn22t1g 2.2 scr tsop?5 (pb?free) ncp303lsn23t1 2.3 scq tsop?5 ncp303lsn23t1g 2.3 scq tsop?5 (pb?free) ncv303lsn23t1g* 2.3 srx tsop?5 (pb?free) ncp303lsn24t1 2.4 scp tsop?5 ncp303lsn24t1g 2.4 scp tsop?5 (pb?free) ncp303lsn25t1 2.5 sco tsop?5 ncp303lsn25t1g 2.5 sco tsop?5 (pb?free) ncp303lsn26t1 2.6 scn tsop?5 ncp303lsn26t1g 2.6 scn tsop?5 (pb?free) ncp303lsn27t1 2.7 scm tsop?5 ncp303lsn27t1g 2.7 scm tsop?5 (pb?free) ncp303lsn28t1 2.8 scl tsop?5 ncp303lsn28t1g 2.8 scl tsop?5 (pb?free) ncp303lsn29t1 2.9 sck tsop?5 ncp303lsn29t1g 2.9 sck tsop?5 (pb?free) ncv303lsn29t1* 2.9 ssk tsop?5 ncv303lsn29t1g* 2.9 ssk tsop?5 (pb?free) ncp303lsn30t1 3.0 scj tsop?5 ncp303lsn30t1g 3.0 scj tsop?5 (pb?free) ncv303lsn30t1* 3.0 ssa tsop?5 ncv303lsn30t1g* 3.0 ssa tsop?5 (pb?free) ncp303lsn31t1 3.1 sci tsop?5 ncp303lsn31t1g 3.1 sci tsop?5 (pb?free) ncp303lsn32t1 3.2 sch tsop?5 ncp303lsn32t1g 3.2 sch tsop?5 (pb?free) note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold devices, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these add itional devices are shown in tables 1 and 2. ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix for automotive and other applications requiring site and control changes. ncvxxx: t low = ?40 c, t high = +125 c. guaranteed by design.
ncp302, ncp303 http://onsemi.com 25 ordering information device shipping ? package marking reset output type threshold voltage ncp303lsn33t1 3.3 open drain active low scg tsop?5 3000 / tape & reel (7 inch reel) ncp303lsn33t1g 3.3 scg tsop?5 (pb?free) ncp303lsn34t1 3.4 scf tsop?5 ncp303lsn34t1g 3.4 scf tsop?5 (pb?free) ncp303lsn36t1 3.6 scd tsop?5 ncp303lsn36t1g 3.6 scd tsop?5 (pb?free) ncp303lsn38t1 3.8 sca tsop?5 ncp303lsn38t1g 3.8 sca tsop?5 (pb?free) ncp303lsn40t1 4.0 sby tsop?5 ncp303lsn40t1g 4.0 sby tsop?5 (pb?free) ncp303lsn42t1 4.2 sbw tsop?5 NCP303LSN42T1G 4.2 sbw tsop?5 (pb?free) ncp303lsn44t1 4.4 sbu tsop?5 ncp303lsn44t1g 4.4 sbu tsop?5 (pb?free) ncv303lsn44t1* 4.4 ssf tsop?5 ncv303lsn44t1g* 4.4 ssf tsop?5 (pb?free) ncp303lsn45t1 4.5 sbt tsop?5 ncp303lsn45t1g 4.5 sbt tsop?5 (pb?free) ncv303lsn45t1g* 4.5 ssg tsop?5 (pb?free) ncp303lsn46t1 4.6 sbs tsop?5 ncp303lsn46t1g 4.6 sbs tsop?5 (pb?free) ncv303lsn46t1* 4.6 ssh tsop?5 ncp303lsn47t1 4.7 sbr tsop?5 ncp303lsn47t1g 4.7 sbr tsop?5 (pb?free) ncv303lsn47t1* 4.7 ssj tsop?5 ncv303lsn47t1g* 4.7 ssj tsop?5 (pb?free) ncp303lsn49t1 4.9 sbp tsop?5 ncp303lsn49t1g 4.9 sbp tsop?5 (pb?free) ncv303lsn49t1* 4.9 ssi tsop?5 ncv303lsn49t1g* 4.9 ssi tsop?5 (pb?free) note: the ordering information lists standard undervoltage thresholds with active low outputs. additional active low threshold devices, ranging from 0.9 v to 4.9 v in 100 mv increments and ncp302 active high output devices, ranging from 0.9 v to 4.9 v in 100 mv increment s can be manufactured. contact your on semiconductor representative for availability. the electrical characteristics of these add itional devices are shown in tables 1 and 2. ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix for automotive and other applications requiring site and control changes. ncvxxx: t low = ?40 c, t high = +125 c. guaranteed by design.
ncp302, ncp303 http://onsemi.com 26 package dimensions 0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* tsop?5/thin sot?23?5/sc59?5 case 483?02 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. a and b dimensions do not include mold flash, protrusions, or gate burrs. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j    on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 ncp302/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCP303LSN42T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X